|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IT3017 5 Gb/s High-Sensitivity Limiter Amplifier Description The IT3017 is a limiting amplifier for use as a post amplifier in optical receivers. Signals as small as +/-7 mVpp differential can be amplified to 1.28 Vpp differential. Offset correction and output voltage control are provided. Both AC and DC coupling are allowed at the input and output. The high sensitivity allows the device to be used at the output of a transimpedance amplifier. Features www..com 3-dB bandwidth: 5 GHz Differential gain: 42 dB Saturated output: 640 mVpp on each output into 50 ohms Single bias supply: -5.2 V Power consumption: 494 mW Bias current: 95 mA DC offset correction Amplitude voltage control Low RMS jitter Low-cost JEDEC QFP-N (MO-220) package Absolute Maximum Ratings S ymbol Vee1,2 Vd Vm T ch T stg Parameters/conditions Power supply voltage Applied voltage at data input (differential) Applied voltage at data input (single ended) Maximum channel temperature Storage temperature Min. -8 Max. 0 3 1.5 5 150 Units V V V mA o Ioffset(+),(-) Offset control current -65 C 150 C Recommended Operating Conditions Symbol Tc Vee1 Vee2 Iee1+Iee2 Voffset (+) Voffset (-) Vctrl Vd Vm Vindc Parameters/conditions Operating temperature range (T case) Power supply voltage Power supply voltage T otal bias supply current Offset control voltage Offset control voltage Amplitude voltage control Applied peak to peak voltage at data input (differential) Applied peak to peak voltage at data input (single ended) Input/output interface DC input voltage (with DC-coupled input) Min. 0 -5.45 -5.45 80 -5 -5 -5.2 7 14 Typ. -5.2 -5.2 95 Max. 85 -4.95 -4.95 110 5 5 0 1000 1000 Units o C V V mA V V V mV mV V AC and DC coupled -0.5 0.5 www.iterrac.com This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938 February 23, 2006 Doc. 4040 Rev 0 1 IT3017 5 Gb/s High-Sensitivity Limiter Amplifier Electrical Characteristics At ambient temperature Vee1,2=-5.2 V Symbol P G B3dB RLin RLout Vin Parameters/conditions Pow er consumption Differential small signal gain 3 dB bandw idth Input return loss (up to 10 GHz) Output return loss (up to 10 GHz) Input sensitivity diff. input (BER<1E-12, 223-1PRBS, 5Gb/s) Output peak to peak voltage (either Q or /Q) (Vctrl=0V for max. output voltage) Vout sensitivity vs. bias (Vee=-5.2 V +/-5%) Output DC voltage (DC coupled to 50 ohm load) Rise time (20% - 80%) Fall time (20% - 80%) Jitter peak to peak -450 -350 30 30 6 590 Min. 416 41 4.5 10 12 Typ. 494 42 5 15 15 4 640 +/-11 -250 40 40 11 Max. 572 Units mW dB GHz dB dB mVpp mVpp % mV ps ps ps www..com Vout Vout Voutdc Trse Tfse Jpp S-Parameter Data (Measured on connectorized evaluation board) 50 45 40 35 IT3017 Single Ended Gain 0 -5 -10 -15 iT3021 Input Return Loss Vee1 = Vee2 = -5.2 V Iee1+Iee2 = 95 mA S21 (dB) 25 20 15 10 5 0 0 1 2 3 4 5 6 7 8 9 10 S11 (dB) 30 -20 -25 -30 -35 -40 -45 -50 0 1 2 3 4 5 6 7 8 9 10 Freq. (GHz) Freq. (GHz) IT3017 Output Return Loss 0 -5 -10 -15 IT3017 Isolation 0 -10 -20 -30 S22 (dB) S22 (dB) -20 -25 -30 -35 -40 -45 -50 0 1 2 3 4 5 6 7 8 9 10 -40 -50 -60 -70 -80 -90 -100 0 1 2 3 4 5 6 7 8 9 10 Freq. (GHz) Freq. (GHz) www.iterrac.com This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938 February 23, 2006 Doc. 4040 Rev 0 2 IT3017 5 Gb/s High-Sensitivity Limiter Amplifier Eye Diagram Performance Vee1 = Vee2 = -5.2 V Iee1+Iee2 = 95 mA www..com Bit rate: 5 Gb/s Vin =+/-6 mVpp, Vout = +/-580 mVpp Bit rate: 5 Gb/s Vin =+/-10 mVpp, Vout = +/-650 mVpp Bit rate: 5 Gb/s Vin =+/-50 mVpp, Vout = +/-650 mVpp Bit rate: 5 Gb/s Vin =+/-100 mVpp, Vout = +/-650 mVpp Bit rate: 5 Gb/s Vin =+/-200 mVpp, Vout = +/-650 mVpp Input sensitivity = +/-3 mVpp differential input, 5 Gb/s Output voltage = 355 mVpp single-ended iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938 www.iterrac.com This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. February 23, 2006 Doc. 4040 Rev 0 3 IT3017 5 Gb/s High-Sensitivity Limiter Amplifier Performance As Function of Input Voltage Output Voltage (+/-mV) Input/Output Characteristic 700 Output Voltage (+/-mV) 700 650 600 550 500 450 400 350 300 1 Input/Output Characteristic 650 600 550 500 450 400 350 300 0 2 4 6 8 10 12 14 16 18 20 Input (+/-mV) www..com 10 100 Input (+/-mV) 1000 Input/Output DC Characteristics 0 -100 Peak to Peak Jitter vs Input Voltage @ 5Gb/s 30 25 Jitter (pp-psec) DC Output (mV) -200 -300 -400 -500 -600 -700 -800 -280 -240 -200 -160 -120 -80 -40 0 40 80 120 160 200 240 280 20 15 10 5 0 1 10 100 1000 Input Amplitude (mVpp) DC Input Offset (*) (mV) Rise Time vs Input Voltage @ 5Gb/s 70 60 Fall Time (psec) Rise Time (psec) Fall Time vs Input Voltage @ 5Gb/s 70 60 50 40 30 20 10 0 50 40 30 20 10 0 1 10 100 1000 Input Amplitude (mVpp) 1 10 100 1000 Input Amplitude (mVpp) (*) Input applied to the offset control pin (Voffset1) and open output. www.iterrac.com This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938 February 23, 2006 Doc. 4040 Rev 0 4 IT3017 5 Gb/s High-Sensitivity Limiter Amplifier Output Voltage Control 700 600 Eye Amplitude (mV) 500 400 300 200 100 0 -100 -5.5 Eye Amplitude vs Vctrl 100 95 90 Power Supply Current Current (mA) -5 -4.5 -4 -3.5 -3 -2.5 -2 -1.5 -1 -0.5 0 85 80 75 70 65 60 -6 -5 -4 -3 -2 -1 0 www..com Control Voltage Vtrl (Volts) Control Voltage (Volts) Bit rate: 2.5 Gb/s, Vctrl =-1.7 V Vin =+/-200 mVpp, Vou t =+/-340 mVpp Bit rate: 2.5 Gb/s, Vctrl =-2.7 V Vin =+/-200 mVpp, Vout =+/-160mVpp www.iterrac.com This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938 February 23, 2006 Doc. 4040 Rev 0 5 IT3017 5 Gb/s High-Sensitivity Limiter Amplifier Recommended Operational Setup Apply -5.2 V at Vee1 and Vee2 Apply 0 V at Vctrl for maximum output Vctrl 560pF 560pF 0.1F 1F www..com DC blocking capacitors optional Voffset (+) 0.1F VL1 Din VL2 Q RF input /Din IT3017 /Q RF output Voffset (-) 0.1F Vee1 Vc b Vee2 Vee= -5.2 V 560pF 0.1F Vee= -5.2V 0.1F 560pF 0.1F www.iterrac.com This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938 February 23, 2006 Doc. 4040 Rev 0 6 IT3017 5 Gb/s High-Sensitivity Limiter Amplifier Package Drawings, Pinouts www..com Pinouts: P1: GND P2: Din (RF input) P3: /Din (/RF input) P4: GND P5: Voffset (-) P6: Vee1 P7: Vcb P8: Vee2 P9: GND P10: /Q (/RF Out) P11: Q (RF Out) P12: GND P13: VL1 P14: Vctrl (voltage control) P15: VL2 P16: Voffset (+) www.iterrac.com This is a Production data sheet. See "Product Status Definitions" on Web site or catalog for product development status. iTerra Communications 2400 Geng Road, Ste. 100, Palo Alto, CA 94303 Phone (650) 424-1937, Fax (650) 424-1938 February 23, 2006 Doc. 4040 Rev 0 7 |
Price & Availability of IT3017 |